công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99PM62XP bảng dữ liệu(PDF) 55 Page - STMicroelectronics

tên linh kiện L99PM62XP
Giải thích chi tiết về linh kiện  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP bảng dữ liệu(HTML) 55 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 51Page - STMicroelectronics L99PM62XP Datasheet HTML 52Page - STMicroelectronics L99PM62XP Datasheet HTML 53Page - STMicroelectronics L99PM62XP Datasheet HTML 54Page - STMicroelectronics L99PM62XP Datasheet HTML 55Page - STMicroelectronics L99PM62XP Datasheet HTML 56Page - STMicroelectronics L99PM62XP Datasheet HTML 57Page - STMicroelectronics L99PM62XP Datasheet HTML 58Page - STMicroelectronics L99PM62XP Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
L99PM62XP
Electrical specifications
Doc ID 16363 Rev 3
55/98
VCANHL,CM
Common mode Bus voltage
Measured with respect to
the ground of each CAN
node
-12
12
V
IOCANH,dom
CANH output current in
dominant state
Active mode;
VTXDC =VTXDCLOW;
VCANH =0 V
-160
-75
-45
mA
IOCANL,dom
CANL output current in
dominant state
Active mode;
VTXDC =VTXDCLOW;
VCANL =5 V
45
75
160
mA
ILeakage
Input leakage current
Unpowered device;
VBUS =5 V
0
250
µA
Rin
Internal resistance
Active mode & V1
standby mode;
VTXDC =VTXDCHIGH;
no load
20
27.5
38
k
Ω
Rin,diff
Differential internal resistance
Active mode & V1
standby mode;
VTXDC =VTXDCHIGH;
no load
50
60
75
k
Ω
Cin
Internal capacitance
Guaranteed by design
20
pF
Cin,diff
Differential internal capacitance
Guaranteed by design
10
pF
VTHdom
Differential receiver threshold
voltage recessive to dominant
state (normal mode)
Active mode
0.9
V
VTHdomLP
Differential receiver threshold
voltage recessive to dominant
state (low power mode)
V1 standby mode
1.15
V
VTHrec
Differential receiver threshold
voltage dominant to recessive
state (normal mode)
Active mode
0.5
V
VTHrecLP
Differential receiver threshold
voltage dominant to recessive
state (low power mode)
V1 standby mode
0.4
V
Table 26.
CAN transmitter and receiver: pins CANH and CANL (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 27.
CAN transceiver timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tTXpd,hl
Propagation delay TXDC to
RXDC (high to low)
Active mode; 50 % VTXDC to 50 %
VRXDC; CRXDC =100 pF; RL =60 Ω
0255
ns
tTXpd,lh
Propagation delay TXDC to
RXDC (low to high)
Active mode; 50 % VTXDC to 50 %
VRXDC; CRXDC =100 pF; RL =60 Ω
0255
ns
twake
Wake up filter time
0.5
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com