| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99PM62XP bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM62XP bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 98 page ![]() L99PM62XP Block diagram and pin descriptions Doc ID 16363 Rev 3 11/98 Figure 2. Pin connection (top view) Note: It is recommended to connect the PGND pin directly to the TAB. 35 REL2 Low-side driver output (2 Ω typ) 36 PGND Power ground (REL1/2, LIN and CAN GND), to be externally connected to AGND Table 2. Pin definition (continued) Pin Symbol Function |