| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F280 bảng dữ liệu(PDF) 204 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F280 bảng dữ liệu(HTML) 204 Page - STMicroelectronics |
|
204 / 239 page ![]() Special function register overview ST10F280 204/239 Doc ID 8673 Rev. 3 can be used as General Purpose I/O when CAN2 is not enabled, and P4.5 and P4.6 can be used as General Purpose I/O when CAN1 is not enabled. The default XPER selection after Reset is: XCAN1 is enabled, XCAN2 is disabled, XRAM is enabled, XPORT9, XTIMER, XPORT10, XPWM are disabled. Register XPERCON cannot be changed after the global enabling of XPeripherals, i.e. after setting of bit XPEN in SYSCON register. |