| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F280 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F280 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 239 page ![]() ST10F280 Ball data Doc ID 8673 Rev. 3 17/239 P5.0 – P5.15 I Port 5 is a 16-bit input-only port with Schmitt-Trigger characteristics. The pins of Port 5 also serve as the analog input channels (up to 16) for the A/D converter, where P5.x equals ANx (Analog input channel x), or they serve as timer inputs: T2 I P5.0 R3 I P5.1 T3 I P5.2 R4 I P5.3 T4 I P5.4 U4 I P5.5 P5 I P5.6 R5 I P5.7 T5 I P5.8 U5 I P5.9 P6 I P5.10 T6EUD GPT2 Timer T6 External Up / Down Control Input R6 I P5.11 T5EUD GPT2 Timer T5 External Up / Down Control Input T6 I P5.12 T6IN GPT2 Timer T6 Count Input U6 I P5.13 T5IN GPT2 Timer T5 Count Input P7 I P5.14 T4EUD GPT1 Timer T4 External Up / Down Control Input R7 I P5.15 T2EUD GPT1 Timer T2 External Up / Down Control Input Table 1. Ball description (continued) Symbol Ball number Type Function |