| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F280 bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F280 bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 239 page ![]() ST10F280 External bus controller Doc ID 8673 Rev. 3 65/239 BUSCON3 Address: 0xFF18h / 8Ch SFR Reset: 0x0000h Type: R/W BUSCON4 Address: 0xFF1Ah / 8Dh SFR Reset: 0x0000h Type: R/W 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 - -BTYP MCTC R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 - -BTYP MCTC R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W RDYPOLx Ready Active Level Control 0: The active level on the READY pin is low, bus cycle terminates with a ‘0’ on READY pin, 1: The active level on the READY pin is high, bus cycle terminates with a ‘1’ on READY pin. |