công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F280 bảng dữ liệu(PDF) 153 Page - STMicroelectronics

tên linh kiện ST10F280
Giải thích chi tiết về linh kiện  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 bảng dữ liệu(HTML) 153 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 149Page - STMicroelectronics ST10F280_12 Datasheet HTML 150Page - STMicroelectronics ST10F280_12 Datasheet HTML 151Page - STMicroelectronics ST10F280_12 Datasheet HTML 152Page - STMicroelectronics ST10F280_12 Datasheet HTML 153Page - STMicroelectronics ST10F280_12 Datasheet HTML 154Page - STMicroelectronics ST10F280_12 Datasheet HTML 155Page - STMicroelectronics ST10F280_12 Datasheet HTML 156Page - STMicroelectronics ST10F280_12 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 239 page
background image
ST10F280
Serial channels
Doc ID 8673 Rev. 3
153/239
Figure 58.
Synchronous serial channel SSC block diagram
14.2.1
Baud rate generation
The Baud rate generator is clocked by fCPU/2. The timer is counting downwards and can be
started or stopped through the global enable Bit SSCEN in register SSCCON. Register
SSCBR is the dual-function Baud Rate Generator/Reload register. Reading SSCBR, while
the SSC is enabled, returns the content of the timer. Reading SSCBR, while the SSC is
disabled, returns the programmed reload value. In this mode the desired reload value can
be written to SSCBR.
Note:
Never write to SSCBR, while the SSC is enabled.
The formulas below calculate the resulting Baud rate for a given reload value and the
required reload value for a given Baud rate:
(SSCBR) represents the content of the reload register, taken as unsigned 16 Bit integer.
Table 30 lists some possible Baud rates against the required reload values and the resulting
bit times for a 40MHz CPU clock.
Baud rateSSC =
fCPU
2 x [(SSCBR) + 1]
SSCBR = (
fCPU
2 x Baud rateSSC
) 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More