| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F280 bảng dữ liệu(PDF) 135 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F280 bảng dữ liệu(HTML) 135 Page - STMicroelectronics |
|
135 / 239 page ![]() ST10F280 Parallel ports Doc ID 8673 Rev. 3 135/239 XP9CLR Address: 0xC104h Reset: 0x0000h Type: W XDP9 Address: 0xC200h Reset: 0x0000h Type: R/W XDP9SET Address: 0xC202h Reset: 0x0000h Type: W 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WW WWW WW WWW WW WWW W XP9CLR.y Writing a ‘1’ will clear the corresponding bit in XP9 register, Writing a ‘0’ has no effect. 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W XDP9.y Port direction register XDP9 bit y XDP9.y = 0: Port line XP9.y is an input (high-impedance) XDP9.y = 1: Port lineX P9.y is an output 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WW WWW WW WWW WWW WW W XDP9SET.y Writing a ‘1’ will set the corresponding bit in XDP9 register, Writing a ‘0’ has no effect. |