công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA369BW bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện STA369BW
Giải thích chi tiết về linh kiện  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 47Page - STMicroelectronics STA369BW Datasheet HTML 48Page - STMicroelectronics STA369BW Datasheet HTML 49Page - STMicroelectronics STA369BW Datasheet HTML 50Page - STMicroelectronics STA369BW Datasheet HTML 51Page - STMicroelectronics STA369BW Datasheet HTML 52Page - STMicroelectronics STA369BW Datasheet HTML 53Page - STMicroelectronics STA369BW Datasheet HTML 54Page - STMicroelectronics STA369BW Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
STA369BW
Register description
Doc ID 022033 Rev 1
51/88
to power down the power-stage, then the master clock to all internal hardware except the
I2C block is gated. This places the IC in a very low power consumption state.
7.6.7
External amplifier power-down
The EAPD register directly disables/enables the internal power circuitry.
When EAPD = 0, the internal power section is placed in a low-power state (disabled). This
register also controls the FFX4B/EAPD output pin when OCFG = 10.
7.7
Volume control registers (addr 0x06 - 0x0A)
7.7.1
Mute/line output configuration register
Line output is only active when OCFG = 00. In this case LOC determines the line output
configuration. The source of the line output is always the channel 1 and 2 inputs.
7.7.2
Master volume register
7.7.3
Channel 1 volume
Table 50.
External amplifier power-down
Bit
R/W
RST
Name
Description
7
R/W
0
EAPD
0: External power stage power-down active
1: Normal operation
D7
D6
D5
D4
D3
D2
D1
D0
LOC1
LOC0
Reserved
Reserved
C3M
C2M
C1M
MMUTE
00
00
00
0
0
Table 51.
Line output configuration
LOC[1:0]
Line output configuration
00
Line output fixed - no volume, no EQ
01
Line output variable - CH3 volume effects line output, no EQ
10
Line output variable with EQ - CH3 volume effects line output
D7
D6
D5
D4
D3
D2
D1
D0
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
11
11
11
1
1
D7
D6
D5
D4
D3
D2
D1
D0
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
01
10
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com