công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA369BW bảng dữ liệu(PDF) 54 Page - STMicroelectronics

tên linh kiện STA369BW
Giải thích chi tiết về linh kiện  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW bảng dữ liệu(HTML) 54 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 50Page - STMicroelectronics STA369BW Datasheet HTML 51Page - STMicroelectronics STA369BW Datasheet HTML 52Page - STMicroelectronics STA369BW Datasheet HTML 53Page - STMicroelectronics STA369BW Datasheet HTML 54Page - STMicroelectronics STA369BW Datasheet HTML 55Page - STMicroelectronics STA369BW Datasheet HTML 56Page - STMicroelectronics STA369BW Datasheet HTML 57Page - STMicroelectronics STA369BW Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
Register description
STA369BW
54/88
Doc ID 022033 Rev 1
7.8.2
Audio preset register 2 (addr 0x0C)
7.8.3
AM interference frequency switching
7.8.4
Bass management crossover
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
00
00
00
0
0
Table 55.
AM interference frequency switching bits
Bit
R/W
RST
Name
Description
0
R/W
0
AMAME
Audio preset AM enable
0: switching frequency determined by PWMS setting
1: switching frequency determined by AMAM settings
Table 56.
Audio preset AM switching frequency selection
AMAM[2:0]
48 kHz/96 kHz input fs
44.1 kHz/88.2 kHz input fs
000
0.535 MHz - 0.720 MHz
0.535 MHz - 0.670 MHz
001
0.721 MHz - 0.900 MHz
0.671 MHz - 0.800 MHz
010
0.901 MHz - 1.100 MHz
0.801 MHz - 1.000 MHz
011
1.101 MHz - 1.300 MHz
1.001 MHz - 1.180 MHz
100
1.301 MHz - 1.480 MHz
1.181 MHz - 1.340 MHz
101
1.481 MHz - 1.600 MHz
1.341 MHz - 1.500 MHz
110
1.601 MHz - 1.700 MHz
1.501 MHz - 1.700 MHz
Table 57.
Bass management crossover
Bit
R/W
RST
Name
Description
4R/W
0
XO0
Selects the bass-management crossover frequency.
A 1st-order high-pass filter (channels 1 and 2) or a
2nd-order low-pass filter (channel 3) at the selected
frequency is performed.
5R/W
0
XO1
6R/W
0
XO2
7R/W
0
XO3
Table 58.
Bass management crossover frequency
XO[3:0]
Crossover frequency
0000
User-defined
0001
80 Hz
0010
100 Hz
0011
120 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com