công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA369BW bảng dữ liệu(PDF) 73 Page - STMicroelectronics

tên linh kiện STA369BW
Giải thích chi tiết về linh kiện  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW bảng dữ liệu(HTML) 73 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 69Page - STMicroelectronics STA369BW Datasheet HTML 70Page - STMicroelectronics STA369BW Datasheet HTML 71Page - STMicroelectronics STA369BW Datasheet HTML 72Page - STMicroelectronics STA369BW Datasheet HTML 73Page - STMicroelectronics STA369BW Datasheet HTML 74Page - STMicroelectronics STA369BW Datasheet HTML 75Page - STMicroelectronics STA369BW Datasheet HTML 76Page - STMicroelectronics STA369BW Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
STA369BW
Register description
Doc ID 022033 Rev 1
73/88
For the user programmable mode, use the formulas below to compute the high-pass filters:
where alpha = (1-sin(
ω0))/cos(ω0), and ω0 is the cutoff frequency.
A first-order filter is recommended to guarantee that for every
ω0 the corresponding
low-pass filter obtained as the difference (as shown in Figure 29) will have a symmetric
(relative to HP filter) frequency response, and the corresponding recombination after the
DRC has low ripple. Second-order filters can be used as well, but in this case the filter
shape must be carefully chosen to provide good low-pass response and minimum ripple
recombination. For second-order filters it is not possible to give a closed formula to get the
best coefficients, but empirical adjustment should be done.
DRC settings
The DRC blocks used by B2DRC are the same as those described in Chapter 7.11. B2DRC
configures automatically the DRC blocks in anticlipping mode. Attack and release thresholds
can be selected using registers 0x32, 0x33, 0x34, 0x35, while attack and release rates are
configured by registers 0x12 and 0x14.
Band downmixing
The low-frequency band is down-mixed to the left and right channels at the B2DRC output.
Channel volume can be used to weight the bands recombination to fine-tune the overall
frequency response.
7.18.2
EQ DRC mode
Setting MDRC = 01, it is possible to add a programmable biquad (the XO biquad at RAM
addresses 0x28 to 0x2C is used for this purpose) to the limiter/compressor measure path
(side chain). Using EQDRC, the peak detector input can be shaped in frequency using the
programmable biquad. For example if a +2 dB bass boost is applied (using a low shelf filter
for example), the effect is that the EQDRC output will limit bass frequencies to -2 dB below
the selected attack threshold.
Generally speaking, if the biquad boosts frequency f with an amount of X dB, the level of a
compressed sine wave at the output will be TH - X, where TH is the selected attack
threshold.
Note:
EQDRC works only if the biquad frequency response magnitude is
≥ 0dB for every
frequency.
b0 = (1 + alpha) / 2
a0 = 1
b1 = -(1 + alpha) / 2
a1 = -alpha
b2 = 0
a2 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com