công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA369BW bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện STA369BW
Giải thích chi tiết về linh kiện  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 30Page - STMicroelectronics STA369BW Datasheet HTML 31Page - STMicroelectronics STA369BW Datasheet HTML 32Page - STMicroelectronics STA369BW Datasheet HTML 33Page - STMicroelectronics STA369BW Datasheet HTML 34Page - STMicroelectronics STA369BW Datasheet HTML 35Page - STMicroelectronics STA369BW Datasheet HTML 36Page - STMicroelectronics STA369BW Datasheet HTML 37Page - STMicroelectronics STA369BW Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
Register description
STA369BW
34/88
Doc ID 022033 Rev 1
7.1.2
Interpolation ratio select
The STA369BW has variable interpolation (oversampling) settings such that internal
processing and FFX output rates remain consistent. The first processing block interpolates
by either 2-times or 1-time (pass-through) or provides a 2-times downsample. The
oversampling ratio of this interpolation is determined by the IR bits.
7.1.3
Thermal warning recovery bypass
If the thermal warning adjustment is enabled (TWAB = 0), then the thermal warning
recovery determines if the -3 dB output limit is removed when thermal warning is negative.
If TWRB = 0 and TWAB = 0, then when a thermal warning disappears the -3 dB output limit
is removed and the gain is added back to the system. If TWRB = 1 and TWAB = 0, then
when a thermal warning disappears the -3 dB output limit remains until TWRB is changed to
zero or the device is reset.
7.1.4
Thermal warning adjustment bypass
Table 11.
Internal interpolation ratio
Bit
R/W
RST
Name
Description
4:3
R/W
00
IR [1:0]
Selects internal interpolation ratio based on input I2S
sampling frequency
Table 12.
IR bit settings as a function of input sampling rate
Input sampling rate fs (kHz)
IR
1st stage interpolation ratio
32
00
2-times oversampling
44.1
00
2-times oversampling
48
00
2-times oversampling
88.2
01
Pass-through
96
01
Pass-through
176.4
10
2-times downsampling
192
10
2-times downsampling
Table 13.
Thermal warning recovery bypass
Bit
R/W
RST
Name
Description
5R/W
1
TWRB
0: Thermal warning recovery enabled
1: Thermal warning recovery disabled
Table 14.
Thermal warning adjustment bypass
Bit
R/W
RST
Name
Description
6R/W
1
TWAB
0: Thermal warning adjustment enabled
1: Thermal warning adjustment disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com