| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5721 bảng dữ liệu(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5721 bảng dữ liệu(HTML) 40 Page - Texas Instruments |
|
40 / 71 page ![]() TAS5721 SLOS739 – JULY 2012 www.ti.com CHANNEL 4 SOURCE SELECT REGISTER (0x21) This register selects the channel 4 source. Table 17. Subchannel Control Register (0x21) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved(1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 1 0 0 0 0 1 Reserved (1) – – – – – – – 0 (L + R)/2 – – – – – – – 1 Left-channel post-BQ (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 0 0 0 0 1 1 Reserved (1) (1) Default values are in bold. PWM OUTPUT MUX REGISTER (0x25) This DAP output mux selects which internal PWM channel is output to the external pins. Any channel can be output to any external output pin. Bits D21–D20: Selects which PWM channel is output to OUT_A Bits D17–D16: Selects which PWM channel is output to OUT_B Bits D13–D12: Selects which PWM channel is output to OUT_C Bits D09–D08: Selects which PWM channel is output to OUT_D Note that channels are encoded so that channel 1 = 0x00, channel 2 = 0x01, …, channel 4 = 0x03. See for details. Table 18. PWM Output Mux Register (0x25) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 1 Reserved(1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 – – – – – – Reserved(1) – – 0 0 – – – – Multiplex PWM 1 to OUT_A (1) – – 0 1 – – – – Multiplex PWM 2 to OUT_A – – 1 0 – – – – Multiplex PWM 3 to OUT_A – – 1 1 – – – – Multiplex PWM 4 to OUT_A – – – – 0 0 – – Reserved (1) – – – – – – 0 0 Multiplex PWM 1 to OUT_B – – – – – – 0 1 Multiplex PWM 2 to OUT_B – – – – – – 1 0 Multiplex PWM 3 to OUT_B (1) – – – – – – 1 1 Multiplex PWM 4 to OUT_B D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 – – – – – – Reserved (1) – – 0 0 – – – – Multiplex PWM 1 to OUT_C – – 0 1 – – – – Multiplex PWM 2 to OUT_C(1) (1) Default values are in bold. 40 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Links: TAS5721 |