| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5721 bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5721 bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 71 page ![]() TAS5721 SLOS739 – JULY 2012 www.ti.com SERIAL DATA INTERFACE REGISTER (0x04) As shown in Table 5, the TAS5721 supports nine serial data modes. The default is 24-bit, I2S mode, Table 5. Serial Data Interface Control Register (0x04) Format RECEIVE SERIAL DATA WORD D7–D4 D3 D2 D1 D0 INTERFACE FORMAT LENGTH Right-justified 16 0000 0 0 0 0 Right-justified 20 0000 0 0 0 1 Right-justified 24 0000 0 0 1 0 I2S 16 000 0 0 1 1 I2S 20 0000 0 1 0 0 I2S (1) 24 0000 0 1 0 1 Left-justified 16 0000 0 1 1 0 Left-justified 20 0000 0 1 1 1 Left-justified 24 0000 1 0 0 0 Reserved 0000 1 0 0 1 Reserved 0000 1 0 1 0 Reserved 0000 1 0 1 1 Reserved 0000 1 1 0 0 Reserved 0000 1 1 0 1 Reserved 0000 1 1 1 0 Reserved 0000 1 1 1 1 (1) Default values are in bold. 32 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Links: TAS5721 |