| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5721 bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5721 bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 71 page ![]() TAS5721 www.ti.com SLOS739 – JULY 2012 INPUT MULTIPLEXER REGISTER (0x20) This register controls the modulation scheme (AD or BD mode) as well as the routing of I2S audio to the internal channels. Table 16. Input Multiplexer Register (0x20) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 - - - Reserved (1) 0 Polarity of Ch3 is not inverted 1 Polarity of Ch3 is inverted 0 Polarity of Ch2 is not inverted 1 Polarity of Ch2 is inverted 0 Polarity of Ch1 is not inverted 1 Polarity of Ch1 is inverted D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 – – – – – – – Channel-1 AD mode (1) 1 – – – – – – – Channel-1 BD mode – 0 0 0 – – – – SDIN-L to channel 1 (1) – 0 0 1 – – – – SDIN-R to channel 1 – 0 1 0 – – – – Reserved – 0 1 1 – – – – Reserved – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 1 – 1 1 1 – – – – Reserved – – – – 0 – – – Channel 2 AD mode (1) – – – – 1 – – – Channel 2 BD mode – – – – – 0 0 0 SDIN-L to channel 2 – – – – – 0 0 1 SDIN-R to channel 2 (1) – – – – – 0 1 0 Reserved – – – – – 0 1 1 Reserved – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 2 – – – – – 1 1 1 Reserved D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 1 1 1 0 1 1 1 Reserved (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 Sub channel in 2.1 mode, AD modulation 1 Sub channel in 2.1 mode, BD modulation 0 1 1 1 - 0 1 0 Reserved (1) (1) Default values are in bold. Copyright © 2012, Texas Instruments Incorporated Submit Documentation Feedback 39 Product Folder Links: TAS5721 |