công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33814AE bảng dữ liệu(PDF) 36 Page - Freescale Semiconductor, Inc

tên linh kiện PC33814AE
Giải thích chi tiết về linh kiện  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE bảng dữ liệu(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 32Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 33Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 34Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 35Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 36Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 37Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 38Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 39Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
36
33814
In the main loop of the MCU’s program there will be a call to a routine to write the following byte into the watchdog SPI Control
Register to refresh the watchdog periodically (must be < 200 ms).
5.3.7
Low Side Drivers (LSD)
The six open drain low side drivers (LSDs) are designed to control various automotive loads such as injectors, fuel pumps,
solenoids, lamps, and relays, etc. Each driver includes off-state open load detection, on-state short to ground detection, short-
circuit to battery protection, over-current protection, over-temperature protection, and diagnostic fault reporting via the SPI. The
LSDs are individually controlled through the parallel input pins or/and via the SPI. All outputs except ROUT2 are disabled when
the KEYSW input pin is brought low regardless of the state of the input pins. All outputs, including ROUT2 are disabled when the
RESETB pin is low.
5.3.7.1
LSD Input Logic Control
The LSDs (and the pre-drivers) are controlled individually using a combination of the external pin input (if one exists) and/or a
SPI On/Off Control bit. The logic can be made to turn the outputs on or off by means of a logical combination of the external pin
ORed with the SPI Control On/Off Bit or a logical combination of the external pin ANDed with the SPI Control On/Off Bit. A
separate OR/AND select bit is found in the SPI configuration registers to accomplish this selection.
5.3.7.2
Pulse Width Modulation Mode
Besides just turning the outputs ON or OFF, the outputs can be Pulse Width Modulated (PWM’d) to control the outputs with a
variable 0 to 100% duty cycle at a selection of different frequencies. There are two built-in PWM frequencies (100 HZ and
1.0 kHz) and the external input pin can also be used as either an external PWM frequency input (divided by 100) or a total PWM
(frequency and duty cycle) input. Two bits (Bits 1, 0) in the SPI configuration register control which mode of input control is
selected.
The internal PWM duty cycles (D/C) are controlled by the lower 7 bits in the corresponding SPI control register. The duty cycle
for the internal PWM is in 1% increments and is specified in the SPI control register as a 7 bit binary word which provides 128
different binary combinations. The binary values of 0000000 to 1100100 represent 0% to 100% and the binary values 1100100
to 1111111 (100 to 127) all map to 100%.
The external PWM duty cycles (D/C) are provided by the MCU on the input pin of the corresponding output driver.
5.3.7.3
LSD Output Protection
Output protection consists of a dual strategy which utilizes over-current and/or over-temperature sensing to detect a fault and
then automatically control the output to protect the output device from damage.
Table 17.
WD
Refresh
x1 sec.
x100 ms.
x10 ms.
8
4
2
1
1
0
0
0
0
0
0
0
Table 18.
Bits 1, 0
PWM Frequency
PWM D/C
00
None or on ext. pin
None or on ext. pin
01
100 Hz
Internal
10
1.0 kHz
Internal
11
On ext pin
100
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com