công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33814AE bảng dữ liệu(PDF) 28 Page - Freescale Semiconductor, Inc

tên linh kiện PC33814AE
Giải thích chi tiết về linh kiện  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE bảng dữ liệu(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 24Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 25Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 26Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 27Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 28Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 31Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
28
33814
5.1.29 Manual and Automatic Modes
The SPI VRS miscellaneous configuration register has a bit to enable the automatic selection of the comparator threshold (bit 7).
At this time, the operation of automatic mode remains TBD.
5.1.30 VRS Peak Detector
The VRS peak detector determines the magnitude of the positive peak of the VRS input signal and digitizes it. The value of the
VRS peak voltage is reported in the VRS SPI status register bits 7, 6, 5, and 4. The MCU can read the value of peak voltage after
the zero crossing time of the input pulse, and uses this information to set the threshold and blanking parameters for subsequent
input pulses. Status bits reflect the last detected peak and only read 0000 after a POR or SPI reset command.
1000
25
1001
28.1
1010
31.3
1011
34.4
1100
37.5
1101
40.6
1110
43.8
1111
46.9
Table 12. Peak Detector Output in SPI VRS Status Register
SPI VRS Status Register
Bits 7,6,5,4
Peak Values (nominal)
0000
10 mV
0001
14 mV
0010
20 mV
0011
28 mV
0100
40 mV
0101
56 mV
0110
80 mV
0111
113 mV
1000
159 mV
1001
225 mV
1010
318 mV
1011
450 mV
1100
636 mV
1101
900 mV
1110
1.273 V
1111
1.800 V
Table 11. SPI VRS Manual Configuration Register
SPI VRS Configuration/Control
Register Bits 3,2,1,0
Blanking Time in%
(of last pulse high period)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com