công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33814AE bảng dữ liệu(PDF) 35 Page - Freescale Semiconductor, Inc

tên linh kiện PC33814AE
Giải thích chi tiết về linh kiện  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE bảng dữ liệu(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 31Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 32Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 33Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 34Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 35Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 36Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 37Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 38Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33814
5.3.6.2
Watchdog Fault Operation
In the event that something goes wrong during the MCU program execution, such as an unexpected breakpoint or other program
hang-up such as the execution of a HALT instruction, the watchdog may not be refreshed. When the WD time interval value
programmed in the SPI Configuration register elapses, the watchdog will issue a RESETB pulse. This RESETB pulse will cause
the MCU to restart it’s program and correct operation should be restored.
After any RESETB (power-on or other), the watchdog SPI configuration register will contain the default value for the refresh time,
10 seconds. The watchdog is also enabled by default.
The MCU, in it’s initialization (start-up) code, can choose to change this default value and/or disable the watchdog by sending a
SPI command to write new information in the watchdog SPI configuration register.
5.3.6.3
Watchdog SPI Configuration Register
There are seven bits in the watchdog SPI configuration register which define the time value that is loaded into the watchdog timer.
Bits 3, 2, 1, 0 are a Binary coded decimal (BCD) value from 1 to 10. (11 to 16 are mapped to 10 and 0 is mapped to 1) The
remaining three bits, 6, 5, and 4 are the time multiplier values. There are three time multiplier values so only one bit, 6, 5, or 4
may be set at one time. Setting more than one bit will result in the highest multiplier value getting precedence.
Bit 7 is the watchdog enable(1) or disable(0) bit.
The time multipliers are as follows:
Bit 6 = x1 seconds (s)
Bit 5 = x 100 milliseconds (ms)
Bit 4 = x 10 milliseconds (ms)
The register in Table 14 shows the watchdog enabled and the time value of 10 seconds. Using this technique, time values from
1.0 ms. to 10 seconds can be programmed into the watchdog.
5.3.6.4
Watchdog SPI Control Register
The watchdog relies on Bit 7 of the watchdog SPI control register being written as a one (1) to refresh the watchdog timer. (i.e.
reload the time value from the watchdog SPI configuration register) The watchdog SPI control register can also be loaded with
a time value to temporarily set a different value in the watchdog timer for the next cycle.
When Bits 6 thru 0 in the watchdog SPI control register are zero, the value stored in the watchdog SPI configuration register will
be loaded into the watchdog timer. If there is a temporary time value written into the watchdog SPI control register then that value
will be loaded into the watchdog. Since the watchdog SPI control register is automatically cleared to zero when the watchdog
timer is loaded, the next watchdog timer load will be from the value stored in the watchdog SPI configuration register, unless a
new temporary time value is again written to the watchdog SPI Control Register.
Example:
To enable and set the watchdog for a timeout value of 200 ms, the MCU will write the following byte into the watchdog SPI
configuration register:
Table 14. Watchdog SPI Configuration Register
Enable/
Disable
x1 sec.
x100 ms.
x10 ms.
8
4
2
1
1
1
0
0
1
0
1
0
Table 15. Watchdog SPI Control Register
Refresh
x1 sec.
x100 ms.
x10 ms.
8
4
2
1
1
0
0
0
0
0
0
0
Table 16.
Enable/
Disable
x1 sec.
x100 ms.
x10 ms.
8
4
2
1
1
0
1
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com