công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33814AE bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc

tên linh kiện PC33814AE
Giải thích chi tiết về linh kiện  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 23Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 24Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 25Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 26Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 27Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 28Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33814
5.1.23 Controls for the VRSN and VRSP Inputs
The VRS can be connected to the 33814 in either a differential or single-ended fashion. The use of differential filtering capacitor,
and grounded capacitors of at least 100 nF are also advisable. In some applications, a damping resistor of approximately
5.0 kOhm directly across the pickup coil is also useful to minimize high frequency ringing.
5.1.24 GND VRSN Bit
To use the VRS inputs in a single-ended configuration the “GND VRSN” bit in the SPI Configuration register must be set to
indicate to the 33814 that this mode is being used. The VRS is then connected between the VRSP input and ground. The default
for this bit is zero (0) indicating that the differential mode is selected.
5.1.25 2.5 Volt Reference Disconnect Bit
The disconnect 2.5 Volt reference bit in the SPI VRS configuration register is used to disconnect the internal 2.5 Volt reference
signal from the VRSN and VRSP inputs, so that an external reference voltage can be employed. The default state of this bit is
zero (0), indicating that the internal 2.5 Volt reference voltage is connected to the VRSN and VRSP inputs.
5.1.26 Selecting the Input Threshold and Blanking Time
Two different SPI registers are provided to control the VRS circuit values in the manual mode. The SPI VRS configuration register
is used to set the “engine running” values for the threshold and blanking filter and the SPI VRS control register is used to provide
the “engine cranking “threshold and blanking filter values. Once the engine is running, the MCU clears the SPI VRS control
register and the 33814 will use the values found in the SPI VRS configuration register.
5.1.27 Input Comparator Threshold Values
The threshold voltage for the input comparator is produced by a 4-bit D/A converter. The control of the D/A output value is by
means of the upper four bits of the SPI VRS configuration register or the upper four bits of the SPI VRS control register. When
the contents of the SPI VRS control register contains all zeros, the binary value for the D/A threshold is taken from the value in
the SPI VRS configuration register. When the contents of the SPI VRS control register is non-zero, then the value in the upper
four bits of the SPI VRS control register is used to set the D/A output. The values outputted by this D/A, using either the SPI VRS
control register or the SPI VRS Configuration register, are listed in Table 10 in the threshold values table. The blanking one-shot
time is also set via the lower 4 bits of the SPI VRS configuration register or the SPI VRS control register using the same condition,
as described previously for the threshold D/A.
5.1.28 Blanking Time Definitions
The values for the one shot blanking, as a percentage of the last high output pulse period is shown in Table 11.
Table 11. SPI VRS Manual Configuration Register
SPI VRS Configuration/Control
Register Bits 3,2,1,0
Blanking Time in%
(of last pulse high period)
0000 (default)
0.0
0001
3.12
0010
6.25
0011
9.37
0100
12.5
0101
15.62
0110
18.75
0111
21.87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com