công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33814AE bảng dữ liệu(PDF) 32 Page - Freescale Semiconductor, Inc

tên linh kiện PC33814AE
Giải thích chi tiết về linh kiện  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE bảng dữ liệu(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 28Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 31Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 32Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 33Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 34Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 35Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
32
33814
Two or more 33814 devices may be used in a module system. Multiple ICs may be SPI configured in parallel only. Figure 10
demonstrates the configuration.
Figure 10. SPI Parallel Interface (Only) with Microprocessor
5.3
Functional Device Operation
5.3.1
Power Supply
The 33814 is designed to operate from VPWRMIN to VPWRMAX on the VPWR pin. The VPWR pin supplies power to all internal
regulators, and analog and logic circuit blocks.
5.3.1.1
VPP Pre-regulator
The VPP pre-regulator supplies the input voltage to the VCC and VPROT regulators. It uses an external PNP transistor as a pass
element. This allows the user to choose the PNP’s size and package considerations to meet the system requirements. The
amount of power that the external PNP transistor will have to dissipate depends on the maximum voltage the system can be
expected to run at and the maximum expected current drawn from the VCC and VPROT regulators. The VPPSENS pin is used to
feedback the value of the VPP voltage for regulation. Since the VPP regulator is not intended to supply off-the-board loads, there
is no short to ground or short to battery protection on the output of the external PNP.
5.3.1.2
VCC Regulator
The VCC regulator output is used for supplying 5.0 Volts to the MCU, and for setting communication threshold levels via the
internal SPI SO driver. The VCC regulator contains an internal pass transistor which is protected against over-current.
5.3.1.3
VPROT Regulator
The protected output VPROT is a tracking regulator that uses the VCC output as a reference. Since it is expected that the VPROT
regulator will supply 5.0 Volts to external sensors in the vehicle, it is well protected against shorts to battery, shorts to ground and
over-current. The VPROT supply is enabled at power-on but can be disabled via the SPI control register.
Parallel
Ports
Micro controller
33814
33879A
SI
SCLK
CSB
SI
SO
SCLK
CSB
SCLK
MISO
MOSI
Shift Register
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com