| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EDJ2104BASE bảng dữ liệu(PDF) 87 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EDJ2104BASE bảng dữ liệu(HTML) 87 Page - Elpida Memory |
|
87 / 148 page ![]() EDJ2104BASE, EDJ2108BASE Preliminary Data Sheet E1505E20 (Ver. 2.0) 87 Write Leveling Procedure Memory controller initiates Leveling mode of all DRAMs by setting bit 7 of MR1 to 1. Since the controller levelizes rank at a time, the output of other rank must be disabled by setting MR1 bit A12 to 1. Controller may assert ODT after tMOD, time at which DRAM is ready to accept the ODT signal. Controller may drive DQS low and /DQS high after a delay of tWLDQSEN, at which time DRAM has applied on-die termination on these signals. After tWLMRD, controller provides a single DQS, /DQS edge which is used by the DRAM to sample CK driven from controller. tWLMRD timing is controller dependent. DRAM samples CK status with rising edge of DQS and provides feedback on all the DQ bits asynchronously after tWLO timing. There is a DQ output uncertainty of tWLOE defined to allow mismatch on DQ bits; there are no read strobes (DQS, /DQS) needed for these DQs. Controller samples incoming DQ and decides to increment or decrement DQS delay setting and launches the next DQS, /DQS pulse after some time, which is controller dependent. Once a 0 to 1 transition is detected, the controller locks DQS delay setting and write leveling is achieved for the device. The below figure describes detailed timing diagram for overall procedure and the timing parameters are shown in below figure. /CK CK Command ODT diff_DQS*4 All DQs*1 Notes:1. DDR3 SDRAM drives leveling feedback on all DQs. 2. MRS : Load MR1 to enter write leveling mode. 3. NOP : NOP or deselec 4. diff_DQS is the differential data strobe (DQS, /DQS). Timing reference points are the zero crossing. DQS is shown with solid line, /DQS is shown with dotted line. 5. CK, /CK : CK is shown with solid dark line, where as /CK is drawn with dotted line. 6. DQS needs to fulfill minimum pulse width requirements tDQSH (min.) and tDQSL (min.) as defined for regular writes; the max pulse width is system dependent. tMOD T1 T2 tWLO tWLH tWLS tWLMRD tWLO tWLOE tDQSL (min.) tDQSH (min.) tDQSL (min.) tDQSH (min.) tWLDQSEN MRS *2 NOP *4 NOP NOP NOP NOP NOP NOP NOP NOP NOP NOP *3 tWLH tWLS *5 *2 *3 *6 *6 Timing Details Write Leveling Sequence |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |