| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45FM2C bảng dữ liệu(PDF) 146 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45FM2C bảng dữ liệu(HTML) 146 Page - Holtek Semiconductor Inc |
|
146 / 171 page ![]() Rev. 1.10 146 �a� �0� �01� Rev. 1.10 147 �a� �0� �01� HT45FM2C Brushless DC Motor Flash Type 8-Bit MCU HT45FM2C Brushless DC Motor Flash Type 8-Bit MCU Preliminar� LVD Operation TheLowVoltageDetectorfunctionoperatesbycomparingthepowersupplyvoltage,VDD,witha pre-specifiedvoltagelevelstoredintheLVDCregister.Thishasaspecifiedvoltage3.6V.Whenthe powersupplyvoltage,VDD,fallsbelowthispre-determinedvalue,theLVDObitwillbesethigh indicatingalowpowersupplyvoltagecondition.TheLowVoltageDetectorfunctionissupplied byareferencevoltagewhichwillbeautomaticallyenabled.Whenthedeviceispowereddownthe lowvoltagedetectorwillremainactiveiftheLVDENbitishigh.AfterenablingtheLowVoltage Detector,atimedelaytLVDSshouldbeallowedforthecircuitrytostabilisebeforereadingtheLVDO bit.NotealsothatastheVDDvoltagemayriseandfallratherslowly,atthevoltagenearsthatof VLVD,theremaybemultiplebitLVDOtransitions. LVD Operation VD D V LV D LV DE N LV DO t LV DS TheLowVoltageDetectoralsohasitsowninterruptwhichiscontainedwithinoneoftheMulti- functioninterrupts,providinganalternativemeansoflowvoltagedetection,inadditiontopolling theLVDObit.TheinterruptwillonlybegeneratedafteradelayoftLVDaftertheLVDObithasbeen sethighbyalowvoltagecondition.WhenthedeviceispowereddowntheLowVoltageDetector willremainactiveiftheLVDENbitishigh.Inthiscase,theLVDFinterruptrequestflagwillbe set,causinganinterrupttobegeneratedifVDDfallsbelowthepresetLVDvoltage.Thiswillcause thedevicetowake-upfromtheSLEEPorIDLEMode,howeveriftheLowVoltageDetectorwake upfunctionisnotrequiredthentheLVDFflagshouldbefirstsethighbeforethedeviceentersthe SLEEPorIDLEMode. |