công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT45FM2C bảng dữ liệu(PDF) 16 Page - Holtek Semiconductor Inc

tên linh kiện HT45FM2C
Giải thích chi tiết về linh kiện  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C bảng dữ liệu(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 17Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 18Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 19Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 171 page
background image
Rev. 1.10
16
�a� �0� �01�
Rev. 1.10
17
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
A/D Converter Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
AVDD
A/D Converter Operating Voltage
—
—
VLVR
5.0
5.5
V
IOP
A/D Converter Operating Current
�V
—
—
0.8
—
mA
5V
—
—
1
—
mA
ISTBY
ADC Standb� Current
—
digital input no change
—
—
1
μA
VREF
A/D Converter Reference Voltage
—
—
�
AVDD AVDD+0.1
V
Tconv
A/D Conversion Time
—
—
14
Tadck
DNL
A/D Differential non-linearit�
—
—
—
—
±�
LSB
INL
A/D Integral non-linearit�
—
—
—
±�
—
LSB
Gerr
Gain Error
—
—
—
—
±�
LSB
Tadck
ADCLK period
—
—
—
0.166
—
μs
Tckh
ADCLK high width
—
—
—
8�
—
ns
Tckl
ADCLK low width
—
—
—
8�
—
ns
Tst1
Setup time for ADON
—
—
�
—
—
ns
Tst�
Setup time for START latch
—
—
�
—
—
ns
Tsth
START high width
—
—
�5
—
—
ns
Tdeoc
EOCB output dela�
—
AVDD=5V
—
�
—
ns
Tdout
Output dela�
—
AVDD=5V
—
�
—
ns
Ton
ADC wake up time
—
—
�
—
—
μs
Toff
ADC sleep time
—
—
—
—
5
ns
D/A Converter Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
D/A Operating Current
—
—
VLVR
—
5.5
V
VDA
D/A Output Voltage
—
00h ~ FFh� no load
0.01
—
0.99
VDD
tDAC
D/A Conversion Time
—
VDD=5V� CL=10P
—
—
�
μs
RO
D/A Output Resistance
—
—
—
10
—
kΩ
8-bit R-�R D/A Converter(Analog Conditon VDD=5V� CL=10P)
Model Corner
TT
SF
FS
SS
FF
Temperature
�5
�5
�5
90
-40
Operating Average Current
(VDD=5V� CL=10P)
352μA
330μA
374μA
297μA
413μA
Analog Output
00000000 (B) ~11111111 (B)
0~4.98V
0~4.981V
0~4.98V
0~4.98V
0~4.981V
Conversion Time
≤2μs
≤2μs
≤2μs
≤2μs
≤2μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com