| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
822-1002-C01 bảng dữ liệu(PDF) 18 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 bảng dữ liệu(HTML) 18 Page - Magnetrol International, Inc. |
|
18 / 40 page ![]() DNRG FALT YES NO CAL IGNR ENT ENT ENT ENT ENT STEP 7 STEP 8 STEP 7: FALT (Fault) 1. FALT (fault) refers to the choice of the alarm relay to DNRG (de-energize) or IGNR (ignore) upon diagnosing a fault. NOTE: The dedicated diagnostic Relay 1 will always de-energize when a fault is detected. When FALT is displayed, press ENT to display DNRG. 2. If this is the desired condition, press ENT to display CAL. 3. If IGNR is desired, use the UP or DOWN arrow key to toggle between the selections. 4. When the appropriate selection is displayed, press ENT to lock in the value and display CAL. STEP 8: CAL (Calibration) 1. After modifying any or all of the preceding values, CAL will lock in all the values and store them in memory. Press ENT to display NO (do not calibrate). 2. Press ENT if it is desired to leave current values. 3. If new values are desired, use the UP and DOWN arrow keys to toggle to YES (calibrate). 4. Press ENT to lock all the new values in memory and return to the RUN mode. NOTE: Ensure that the level of the process media is at the exact point that corresponds to the choice made in Step 1 LEVL:DRY (not covered with media) or WET (covered with media). This is crit- ical to the proper calibration of the instrument. The unit will take a new capacitance reading (establish a new set point) when YES is chosen and ENT is depressed. ENT ENT ENT ENT ENT ENT ENT 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 15 |