| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
822-1002-C01 bảng dữ liệu(PDF) 21 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 bảng dữ liệu(HTML) 21 Page - Magnetrol International, Inc. |
|
21 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 18 2. If the PRLO point is to be calibrated, press ENT to display the present value. 3. Use the UP arrow key to scroll to the exact level of the media, in any unit of measurement (inches, feet, percentage, etc.), being consistent to use the same unit of measurement throughout theprocedure. 4. Once the exact unit is reached on the display, press ENT to store the information in memory. The display will read PRHI (probe high). Raise the process level to a PRHI calibration point. NOTE: If entering different PRLO/PRHI points for greater accuracy, be sure that the new PRLO point is lower than the existing PRLO point and the new PRHI point is higher than the exist- ing PRHI point. 5. Press ENT to display the present value. Scroll to the exact level of the media and press ENT to store the information in memory. The display will read PRLO once again. 6. Press the UP arrow key to leave the CAL mode and return to the RUN mode, MAGNETROL INTL MMM. Probe calibration is complete. Proceed to Section 2.4.3, Program Path 4 — Multi-Point. 2.4.2.1 Probe Calibration Tips If you mistakenly get into the wrong area of the program (for instance, PRLO data when PRHI data was intended), remember, pressing all the three tactile feedback keys (ENT/UP/DOWN arrows) simultaneously will return you to the RUN mode. After establishing the probe low point (and the unit times out from the CAL mode to the RUN mode while raising the level for the probe high point), DO NOT press ENT after returning to the CAL mode when PRLO appears. Press the UP arrow key to bypass PRLO and obtain PRHI. This will avoid setting the PRLO point where the PRHI point should be. If you get lost, and the unit continually displays ERROR messages (2LO or 2HI, etc.), do the following: 1. Return to the RUN mode by pressing the DOWN arrow (from PRLO) or the UP arrow (from PRHI). 2. From the RUN mode, press the ENT and the UP arrow keys simultaneously ( ) to enter the menu. The display will read CNFG. ENT ENT ENT ENT ENT ENT ENT ENT |