| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
822-1002-C01 bảng dữ liệu(PDF) 22 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 bảng dữ liệu(HTML) 22 Page - Magnetrol International, Inc. |
|
22 / 40 page ![]() Probe high Probe low Figure 14 3. Press the DOWN arrow key to get to MODE. Press ENT . 4. Scroll to SING. Press ENT . Unit reads NOT READY. You are now in the Single Point Mode. 5. Return to CNFG and repeat the above procedure now choose MULT from the MODE menu. Press ENT . Unit reads MAGNETROL INTL M M M…. 6. All of the original data has now been cleared. 7. Begin Probe Calibration procedure again from the start of Program Path 3 (page 17). 2.4.2.2 Error Messages in PRLO/HI Menus 1. 2BIG: Occurs during PRLO or PRHI data entry when displayed value exceeds 19999. 2. 2SML: Occurs during PRLO data entry when displayed value underflows 0, or during PRHI when displayed value underflows 1. 3. 2 LO: Occurs when stored PRHI measurement (not display) would be less than currently stored PRLO measurement. In other words, the capacitance being used to set the PRHI point is less than the capacitance used to set the PRLO. 4. 2 HI: Occurs when stored PRLO measurement (not display) would be more than currently stored PRHI measurement. In other words, the capacitance being used to set the PRLO point is more than the capacitance used to set the PRHI point. 5. UNDR: Occurs when displayed value goes below -999. 6. OVER: Occurs when displayed value goes above 19,999 (red, >10,000 LED illuminated and 9999 on the display). ENT ENT ENT 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 19 |