công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

705-5100-F21 bảng dữ liệu(PDF) 12 Page - Magnetrol International, Inc.

tên linh kiện 705-5100-F21
Giải thích chi tiết về linh kiện  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAGNETROL [Magnetrol International, Inc.]
Trang chủ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 bảng dữ liệu(HTML) 12 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 16Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
3.3
Before You Begin
3.3.1 Site Preparation
Each Eclipse transmitter is built to match the specific physi-
cal specifications of the required installation. Make sure the
probe connection is correct for the threaded or flanged
mounting on the vessel or tank where the transmitter will
be placed. See Mounting, Section 3.4.
Make sure that the wiring between the power supply and
Eclipse transmitter are complete and correct for the type of
installation.
When installing the Eclipse transmitter in a general purpose
or hazardous area, all local, state, and federal regulations and
guidelines must be observed.
3.3.2 Equipment and Tools
No special equipment or tools are required to install the
Eclipse transmitter. The following items are recommended:
• Open-end wrenches or adjustable wrench to fit the process
connection size and type. Coaxial probe 11⁄2" (38 mm), twin
rod probe 17⁄8" (47 mm), transmitter 11⁄2" (38 mm). A torque
wrench is highly desirable.
• Flat-blade screwdriver
• Fieldbus-compatible power supply with proper termination
3.3.3 Operational Considerations
Operating specifications vary based on Probe model
number.
3.4
Mounting
The Eclipse transmitter can be mounted to a tank using a
variety of process connections. Generally, either a threaded
or flanged connection is used. For information about the
sizes and types of connections available, see Probe Model
Numbers, Section 7.5.2.
NOTE: Do not place insulating material around any part of the Eclipse
transmitter including the probe flange as this may cause exces-
sive heat buildup.
Make sure all mounting connections are properly in place
on the tank before installing the probe. Compare the name-
plate on the probe and transmitter with the product infor-
mation; make sure the Eclipse probe is correct for the
intended installation.
12
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com