công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

705-5100-F21 bảng dữ liệu(PDF) 41 Page - Magnetrol International, Inc.

tên linh kiện 705-5100-F21
Giải thích chi tiết về linh kiện  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAGNETROL [Magnetrol International, Inc.]
Trang chủ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 bảng dữ liệu(HTML) 41 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 37Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 38Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 39Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 40Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 41Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 42Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 43Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 44Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 45Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
41
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.3
Specifications
7.3.1 Functional
System Design
Measurement Principle
Guided time-of-flight via time domain reflectometry
Input
Measured Variable
Level, determined by the time-of-flight of a guided radar pulse from
transmitter to product surface and back
Zero and Span
6 inches to 75 feet (15 to 2286 cm)
User Interface
Keypad
3-button menu-driven data entry and system security
Indication
2-line
× 8-character display
Digital Communication
PROFIBUS PA™ Profile Version 3.0, MBP (31.25 kbits/sec)
Minimum Operating Voltage
9 VDC
Quiescent Current Draw
15 mA
DEV Revision
0X01
Function Blocks
AI_1, AI_2, AI_3, AI_4
Damping
Adjustable 0-10 seconds
Power (Measured at instrument terminals)
General Purpose/Explosion Proof
9 to 32 VDC (15 mA maximum current draw)
IS/FISCO/FNICO
9–32 VDC (15 mA maximum current draw)
Housing
Material
Aluminum A356T6 (<0.20% copper), optional 316 stainless steel
Cable Entry
3
⁄4" NPT and M20
Environment
Operating Temperature
-40 to +175° F (-40 to +80° C)
Display Function Operating Temperature
-5 to +160° F
(-20 to +70° C)
Storage Temperature
-50 to +175° F (-40 to +80° C)
Humidity
0-99%, non-condensing
Electromagnetic Compatibility
Meets CE Requirements: EN 50081-2, EN 50082-2
Note: Twin Rod and Single Rod probes must be used in metallic vessel or
stillwell to maintain CE requirement.
Mounting Affects:
Twin Rod: Active rod must be mounted at least 1" (25 mm) from any surface or
obstruction. Minimum stillwell diameter for Twin Rod probe is 3".
Single Rod: Nozzles do not restrict performance by ensuring the following:
No nozzle is <2" (50 mm) diameter
Ratio of Diameter: Length is 1:1 or greater;
any ratio <1:1 (e.g., a 2"
× 6" nozzle = 1:3) may require a Blocking Distance
and/or DIELECTRIC adjustment
No pipe reducers are used
Obstructions
Keep conductive objects away from probe to ensure proper performance
Shock Class
ANSI/ISA-S71.03 Class SA1
Vibration Class
ANSI/ISA-S71.03 Class VC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com