công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

705-5100-F21 bảng dữ liệu(PDF) 26 Page - Magnetrol International, Inc.

tên linh kiện 705-5100-F21
Giải thích chi tiết về linh kiện  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAGNETROL [Magnetrol International, Inc.]
Trang chủ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 bảng dữ liệu(HTML) 26 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 28Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 29Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 30Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
26
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
4.3.4 Offset Description
The parameter referred to as LEVEL_OFFSET in the
Transducer Block is the desired level reading when liquid
surface is at the end of the probe. The Eclipse transmitter is
shipped from the factory with LEVEL_OFFSET set to 0.
With this configuration, all measurements are referenced
from the bottom of the probe. See Example 1.
Example 1 (LEVEL_OFFSET = 0 as shipped from factory):
Application calls for a 72-inch NPT Coaxial probe in
water with the bottom of the probe 10 inches above the
bottom of the tank. The user wants the 0% point at
24 inches and the 100% point at 60 inches as referenced
from the bottom of the probe.
In those applications in which it is desired to reference all
measurements from the bottom of the vessel, the value of
LEVEL_OFFSET should be changed to the distance
between the bottom of the probe and the bottom of the
vessel as shown in Example 2.
Example 2:
Application calls for a 72-inch NPT coaxial probe in
water with the bottom of the probe 10 inches above the
bottom of the tank. The user wants the 0% point at
24 inches and the 100% point at 60 inches as referenced
from the bottom of the tank.
When the Eclipse transmitter is mounted in a chamber/bridle,
it is usually desirable to configure the unit with the 0%
point at the lower process connection and the 100% point
at the upper process connection. The span is the cen-
ter-to-center dimension. In this case, a negative
LEVEL_OFFSET needs to be entered. In doing so, all
measurements are then referenced at a point up on the
probe as shown in Example 3.
Example 3:
Application calls for a 48-inch cage-coaxial flanged probe
measuring water in a chamber with the bottom of the
probe 6 inches below the lower process connection. The
user wants the 0% point to be 0 inches at the bottom
process connection and the 100% point to be 30 inches
at the top process connection.
10"
60"
100%
LCD Menu
0%
24"
PrbModel
7xA-x
PrbMount
NPT
LvlUnits
in
Probe Ln
72 in
Lvl Ofst
0.0 in
Dielctrc
10-100
Example 1
10"
60"
100%
0%
24"
PrbModel
7xA-x
PrbMount
NPT
LvlUnits
in
Probe Ln
72 in
Lvl Ofst
10 in
Dielctrc
10-100
LCD Menu
Example 2
6"
30"
0%
100%
PrbModel
7xR-x
PrbMount
Flange
LvlUnits
in
Probe Ln
48 in
Lvl Ofst
-6.0 in
Dielctrc
10-100
LCD Menu
Example 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com