| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP320LC2401AVFS bảng dữ liệu(PDF) 73 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LC2401AVFS bảng dữ liệu(HTML) 73 Page - Texas Instruments |
|
73 / 88 page ![]() TMS320LF2401A, TMS320LC2401A DSP CONTROLLERS SPRS161K − MARCH 2001 − REVISED JULY 2007 73 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 interrupt timing INT refers to XINT1, XINT2, and PDPINTA. switching characteristics over recommended operating conditions (see Figure 36) PARAMETER MIN MAX UNIT td(PDP-PWM)HZ Delay time, PDPINTA low to PWM if bit 6 of SCSR2 = 0 (6 + 1)tc(CO) + 12† ns td(PDP-PWM)HZ Delay time, PDPINTA low to PWM high-impedance state if bit 6 of SCSR2 = 1 (12+ 1)tc(CO) + 12† ns td(INT) Delay time, INT low/high to interrupt-vector fetch 10tc(CO)+tw(INT) ns † Includes i/p qualifier cycles plus synchronization plus propagation delay timing requirements (see Figure 36) MIN MAX UNIT tw(INT) Pulse duration, INT input low/high if bit 6 of SCSR2 = 0 6tc(CO) ns tw(INT) Pulse duration, INT input low/high if bit 6 of SCSR2 = 1 12tc(CO) ns tw(PDP) Pulse duration, PDPINTA input low if bit 6 of SCSR2 = 0 6tc(CO) ns tw(PDP) Pulse duration, PDPINTA input low if bit 6 of SCSR2 = 1 12tc(CO) ns PWM† PDPINTA CLKOUT tw(PDP) td(PDP-PWM)HZ XINT1, XINT2 tw(INT) Interrupt Vector td(INT) † PWM refers to all the PWM pins in the device (i.e., PWMn and TnPWM pins). The state of the PWM pins after PDPINTA is taken high depends on the state of the FCOMPOE bit. A0−A15 (Internal Bus) Figure 36. External Interrupts Timing |