công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8358E bảng dữ liệu(PDF) 12 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8358E
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E bảng dữ liệu(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
12
Freescale Semiconductor
Power Characteristics
Figure 4. Power Sequencing Example
I/O voltage supplies (GVDD, LVDD, and OVDD) do not have any ordering requirements with respect to one
another.
2.2.2
Power-Down Sequencing
The MPC8358E does not require the core supply voltage and I/O supply voltages to be powered down in
any particular order.
3
Power Characteristics
The estimated typical power dissipation values are shown in Table 4.
Table 4. MPC8358E PBGA Core Power Dissipation1
Core
Frequency (MHz)
CSB
Frequency (MHz)
QUICC Engine
Frequency (MHz)
Typical
Maximum
Unit
Notes
266
266
266
2.2
2.3
W
2, 3, 4
400
266
266
2.4
2.5
W
2, 3, 4
400
266
400
2.5
2.6
W
2, 3, 4
Notes:
1. The values do not include I/O supply power (OVDD, LVDD, GVDD) or AVDD. For I/O power values, see Table 5.
2. Typical power is based on a voltage of VDD = 1.2 V, a junction temperature of TJ = 105°C, and a Dhrystone benchmark
application.
3. Thermal solutions will likely need to design to a value higher than typical power on the end application, TA target, and I/O
power.
4. Maximum power is based on a voltage of VDD = 1.2 V, WC process, a junction TJ = 105°C, and an artificial smoke test.
I/O Voltage (GVDD, LVDD, OVDD)
Core Voltage (VDD, AVDD)
90%
0.7 V
Time
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com