công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8358E bảng dữ liệu(PDF) 67 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8358E
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E bảng dữ liệu(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
Freescale Semiconductor
67
Package and Pin Listings
4. Datum A, the seating plane, is determined by the spherical crowns of the solder balls.
5. Parallelism measurement must exclude any effect of mark on top surface of package.
6. Distance from the seating plane to the encapsulant material.
21.3
Pinout Listings
Refer to AN3097, “MPC8360/MPC8358E PowerQUICC Design Checklist,” for proper pin termination
and usage.
Table 65 shows the pin list of the MPC8358E PBGA package.
Table 65. MPC8358E PBGA Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
DDR SDRAM Memory Controller Interface
MEMC_MDQ[0:63]
AD20, AG24, AF24, AH24, AF23, AE22, AH26, AD21,
AH25, AD22, AF27, AB24, AG25, AC22, AE25, AC24,
AD25, AB25, AC25, AG28, AD26, AE23, AG26, AC26,
AD27, V25, AA28, AA25, Y26, W27, U24, W24, E28,
H24, E26, D25, G27, H25, G26, F26, F27, F25, D26, F24,
G25, E27, D27, C28, C27, F22, B26, F21, B28, E22, D24,
C24, A25, E20, F20, D20, A23, C21, C23, E19
I/O
GVDD
—
MEMC_MECC[0:7]
N26, N24, J26, H28, N28, P24, L26, K24
I/O
GVDD
—
MEMC_MDM[0:8]
AG23, AD23, AE26, V28, G28, D28, D23, B24, U27
O
GVDD
—
MEMC_MDQS[0:8]
AH23, AH27, AF28, T28, H26, E25, B25, A24, R28
I/O
GVDD
—
MEMC_MBA[0:2]
V26, W28, Y28
O
GVDD
—
MEMC_MA[0:14]
L25, M25, M24, K28, P28, T24, M27, R25, P25, L28,
U26, M28, L27, K27, H27
OGVDD
—
MEMC_MODT[0:3]
AE21, AC19, E23, B23
—
GVDD
6
MEMC_MWE
R27
O
GVDD
—
MEMC_MRAS
W25
O
GVDD
—
MEMC_MCAS
R24
O
GVDD
—
MEMC_MCS[0:3]
T26, U28, J25, F28
O
GVDD
—
MEMC_MCKE[0:1]
AD24, AE28
O
GVDD
—
MEMC_MCK[0:5]
AG22, AG27, A26, C26, P26, E21
O
GVDD
—
MEMC_MCK[0:5]
AF22, AF26, A27, B27, N27, D22
O
GVDD
—
MDIC[0:1]
F19, AA27
I/O
GVDD
11
PCI
PCI_INTA/
PF[5]
R3
I/O
LVDD22
PCI_RESET_OUT/
PF[6]
P6
I/O
LVDD2—
PCI_AD[0:31]/
PG[0:31]
AB5, AC5, AG1, AA5, AF2, AD4, Y6, AF1, AE2, AC4,
AD3, AE1, Y4, AC3, AD2, AD1, AB2, Y3, AA1, Y1, W1,
V6, W3, V4, T5, W2, V5, V1, U4, V2, U2, T2
I/O
LVDD2—
PCI_C_BE[0:3]/
PF[7:10]
Y5, AC2, Y2, U5
I/O
OVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com