công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPCS4 bảng dữ liệu(PDF) 36 Page - Altera Corporation

tên linh kiện EPCS4
Giải thích chi tiết về linh kiện  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 bảng dữ liệu(HTML) 36 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 30Page - Altera Corporation EPCS4 Datasheet HTML 31Page - Altera Corporation EPCS4 Datasheet HTML 32Page - Altera Corporation EPCS4 Datasheet HTML 33Page - Altera Corporation EPCS4 Datasheet HTML 34Page - Altera Corporation EPCS4 Datasheet HTML 35Page - Altera Corporation EPCS4 Datasheet HTML 36Page - Altera Corporation EPCS4 Datasheet HTML 37Page - Altera Corporation EPCS4 Datasheet HTML 38Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
3–36
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Chapter Revision History
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
August 2007
3.0
■ Updated “Introduction” section.
■ Updated “Functional Description” section.
■ Updated Table 4–1 through Table 4–4 and Table 4–7 through Table 4–9 to with
EPCS128 information.
■ Added Table 4–6 on Arria GX.
■ Added notes to Figure 4–3.
■ Added notes to Figure 4–4.
■ Updated Table 4–10 with EPCS128 information.
■ Added new Table 4–11 on address range for sectors in EPCS128 device.
■ Updated Table 4–16 with information about “Read Device Identification” and added
(Note 5).
■ Added new Table 4–21 on block protection bits in EPCS128.
■ Added notes to Figure 4–12.
■ Added new section “Read Device Identification Operation” with Table 4–23 and
Figure 4–13.
■ Updated “Write Bytes Operation”, “Erase Bulk Operation” and “Erase Sector
Operation” sections.
■ Updated Table 4–24 to include EPCS128 information.
■ Updated (Note 1) to Table 4–26.
■ Updated VCC and VI information to include EPCS128 in Table 4–27.
■ Updated VIH information to include EPCS128 in Table 4–29.
■ Updated ICC0 and ICC1 information to include EPCS128 in Table 4–30.
■ Updated Figure 4–21 and Table 4–34 with EPCS128 information.
April 2007
2.0
■ Updated “Introduction” section.
■ Updated “Functional Description” section and added handpara note.
■ Added Table 4–4, Table 4–6, and Table 4–7.
■ Updated “Active Serial FPGA Configuration” section and its handpara note.
■ Added notes to Figure 4–2.
■ Updated Table 4–26 and added (Note 1).
■ Updated Figure 4–20.
■ Updated Table 4–34.
January 2007
1.7
■ Removed reference to PLMSEPC-16 in “Programming and Configuration File
Support”.
■ Updated DCLK pin information in Table 4–32.
October 2006
1.6
■ Updated Figure 4–19.
■ Updated Table 4–30 and Table 4–32.
August 2005
1.5
■ Updated table 4-4 to include EPCS64 support for Cyclone devices.
August 2005
1.4
■ Updated tables.
■ Minor text updates.
February 2005
1.3
■ Updated hot socketing AC specifications.
Table 3–25. Chapter Revision History (Part 2 of 3)
Date
Version
Changes Made



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38