| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPCS4 bảng dữ liệu(PDF) 35 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPCS4 bảng dữ liệu(HTML) 35 Page - Altera Corporation |
|
35 / 38 page ![]() Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet 3–35 Ordering Code © December 2009 Altera Corporation Configuration Handbook (Complete Two-Volume Set) Ordering Code Table 3–24 lists the ordering codes for serial configuration devices. Chapter Revision History Table 3–25 lists the revision history for this chapter. Table 3–24. Serial Configuration Device Ordering Codes Device Ordering Code (1) EPCS1 EPCS1SI8 EPCS1SI8N EPCS4 EPCS4SI8 EPCS4SI8N EPCS16 EPCS16SI16N EPCS16SI8N EPCS64 EPCS64SI16N EPCS128 EPCS128SI16N Note to Table 3–24: (1) N: Lead free. Table 3–25. Chapter Revision History (Part 1 of 3) Date Version Changes Made December 2009 3.3 ■ Updated “Features” and “Functional Description” sections. ■ Added “Fast Read Operation” section. ■ Removed Table 4–2 to Table 4–9, Table 4-26, and Table 4–33. ■ Updated Table 3–1 . ■ Updated Figure 3–2. ■ Removed “Referenced Documents” section. October 2008 3.2 ■ Updated “Introduction”, “Active Serial FPGA Configuration”, “Operation Codes”, “Read Status Operation”, “Read Device Identification Operation”, and “Package” sections. ■ Updated Table 4–10, Table 4–25, Table 4–26, and Table 4–32. ■ Updated Figure 4–5, Figure 4–13, and Figure 4–19. ■ Added Figure 4–22. ■ Added Table 4–33. ■ Updated new document format. May 2008 3.1 ■ Updated Table 4–3, Table 4–6, Table 4–7, Table 4–28, and Table 4–29. ■ Deleted Note 5 to Table 4–31. ■ Added “Referenced Documents” section. |