| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPCS4 bảng dữ liệu(PDF) 24 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPCS4 bảng dữ liệu(HTML) 24 Page - Altera Corporation |
|
24 / 38 page ![]() 3–24 Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet Serial Configuration Device Memory Access Configuration Handbook (Complete Two-Volume Set) © December 2009 Altera Corporation If the design must write more than 256 data bytes to the memory, it needs more than one page of memory. Send the write enable and write bytes operation codes followed by three new targeted address bytes and 256 data bytes before a new page is written. nCS must be driven high after the eighth bit of the last data byte has been latched in. Otherwise, the device will not execute the write bytes operation. The write enable latch bit in the status register is reset to 0 before the completion of each write bytes operation. Therefore, the write enable operation must be carried out before the next write bytes operation. The device initiates the self-timed write cycle immediately after nCS is driven high. Refer to tWB in Table 3–16 on page 3–27 for the self-timed write cycle time for the respective EPCS devices. Therefore, you must account for this amount of delay before another page of memory is written. Alternatively, you can check the status register’s write in progress bit by executing the read status operation while the self-timed write cycle is in progress. The write in progress bit is set to 1 during the self-timed write cycle, and 0 when it is complete. 1 The bytes of serial configuration devices memory must be erased to all 1 or 0xFF before write bytes operation is implemented. This can be achieved by either using the erase sector instruction in a sector, or the erase bulk instruction throughout the entire memory. Erase Bulk Operation The erase bulk operation code is b'1100 0111, with the MSB listed first. The erase bulk operation sets all memory bits to 1 or 0xFF. Similar to the write bytes operation, the write enable operation must be executed prior to the erase bulk operation so that the write enable latch bit in the status register is set to 1. You can implement the erase bulk operation by driving nCS low and then shifting in the erase bulk operation code on the ASDI pin. nCS must be driven high after the eighth bit of the erase bulk operation code has been latched in. Figure 3–16 shows the timing diagram. The device initiates the self-timed erase bulk cycle immediately after nCS is driven high. Refer to tEB in Table 3–16 for the self-timed erase bulk cycle time for the respective EPCS devices. Figure 3–15. Write Bytes Operation Timing Diagram (Note 1) Notes to Figure 3–15: (1) Use the erase sector or the erase bulk instruction to initialize the memory bytes of the serial configuration devices to all 1 or 0xFF before implementing the write bytes operation. (2) Address bit A[23] is a don't-care bit in EPCS64. Address bits A[23..21] are don't-care bits in EPCS16. Address bits A[23..19] are don't-care bits in EPCS4. Address bits A[23..17] are don't-care bits in EPCS1. (3) For .rpd files, write the LSB of the data byte first. nCS DCLK ASDI 0 1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 2072 2073 2074 2075 2076 2077 2078 2079 Operation Code 24-Bit Address (2) 23 22 21 3 2 1 0 765 4 MSB MSB (3) MSB (3) MSB (3) Data Byte 1 Data Byte 2 Data Byte 256 321 0 765 4 7 65 4 321 0 321 0 |