| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAC7200 bảng dữ liệu(PDF) 211 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 bảng dữ liệu(HTML) 211 Page - Freescale Semiconductor, Inc |
|
211 / 976 page ![]() Introduction MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 133 Program Trace – Indirect Branch Message w/ Sync 6 6 TCODE fixed TCODE number = 12 (see Note below) 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 1 8 I-CNT variable # sequential instructions executed since last taken branch 1 32 F-ADDR variable full target address (leading zero (0) truncated) Data Trace – Data Write Message w/ Sync 6 6 TCODE fixed TCODE number = 13 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 3 3 DSZ fixed data size (Refer to Table 11-6) 1 32 F-ADDR variable full access address (leading zero (0) truncated) 1 32 DATA variable data write value (see Note) Data Trace – Data Read Message w/ Sync 6 6 TCODE fixed TCODE number = 14 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 3 3 DSZ fixed data size (Refer to Table 11-6) 1 32 F-ADDR variable full access address (leading zero (0) truncated) 1 32 DATA variable data read value (see Note) Watchpoint Message 6 6 TCODE fixed TCODE number = 15 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 8 8 WPHIT fixed watchpoint source(s) (refer to Table 11-3) Resource Full Message 6 6 TCODE fixed TCODE number = 27 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 4 4 RCODE fixed resource code (Refer to Table 11-4) 1 32 HIST variable branch / predicate instruction history Program Trace – Indirect Branch History Message 6 6 TCODE fixed TCODE number = 28 (see Note below) 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 1 8 I-CNT variable # sequential instructions executed since last taken branch 1 32 U-ADDR variable unique part of target address for taken branches/exceptions 1 32 HIST variable branch / predicate instruction history Program Trace – Indirect Branch History Message w/ Sync 6 6 TCODE fixed TCODE number = 29 (see Note below) 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 1 8 I-CNT variable # sequential instructions executed since last taken branch 1 32 F-ADDR variable full target address (leading zero (0) truncated) 1 32 HIST variable branch / predicate instruction history Table 11-1. Public TCODEs Supported (Continued) Message Name Minimum Packet Size (bits) Maximum Packet Size (bits) Packet Name Packet Type Packet Description |