| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAC7200 bảng dữ liệu(PDF) 210 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 bảng dữ liệu(HTML) 210 Page - Freescale Semiconductor, Inc |
|
210 / 976 page ![]() Introduction MAC7200 Microcontroller Family Reference Manual, Rev. 2 132 Freescale Semiconductor Table 11-1. Public TCODEs Supported Message Name Minimum Packet Size (bits) Maximum Packet Size (bits) Packet Name Packet Type Packet Description Debug Status 6 6 TCODE fixed TCODE number = 0 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 8 8 STATUS fixed Debug Status Register (DS[31:24]) Ownership Trace Message 6 6 TCODE fixed TCODE number = 2 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 32 32 PROCESS fixed Task/Process ID tag Program Trace – Direct Branch Message 6 6 TCODE fixed TCODE number = 3 (see Note below) 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 1 8 I-CNT variable # sequential instructions executed since last taken branch Program Trace – Indirect Branch Message 6 6 TCODE fixed TCODE number = 4 (see Note below) 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 1 8 I-CNT variable # sequential instructions executed since last taken branch 1 32 U-ADDR variable unique part of target address for taken branches/exceptions Data Trace – Data Write Message 6 6 TCODE fixed TCODE number = 5 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 3 3 DSZ fixed data size (Refer to Table 11-6) 1 32 U-ADDR variable unique portion of the data write address 1 32 DATA variable data write value (see Note) Data Trace – Data Read Message 6 6 TCODE fixed TCODE number = 6 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 3 3 DSZ fixed data size (Refer to Table 11-6) 1 32 U-ADDR variable unique portion of the data read address 1 32 DATA variable data read value (see Note) Error Message 6 6 TCODE fixed TCODE number = 8 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 5 5 ERROR fixed error code (Refer to Table 11-2) Program Trace – Direct Branch Message w/ Sync 6 6 TCODE fixed TCODE number = 11 (see Note below) 4 4 SRC fixed source processor identifier (multiple Nexus configuration) 1 8 I-CNT variable # sequential instructions executed since last taken branch 1 32 F-ADDR variable full target address (leading zero (0) truncated) |