công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05CT4 bảng dữ liệu(PDF) 16 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05CT4
Giải thích chi tiết về linh kiện  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 bảng dữ liệu(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 142 page
background image
General Description
General Release Specification
MC68HC05CT4 — Rev. 2.0
General Description
dual 60-MHz phase-locked loop (PLL), pulse width modulator (PWM),
and an on-chip computer operating properly (COP) watchdog circuit.
Features of the MC68HC05CT4 include:
•
Low Cost
•
HC05 Core
•
44-Pin Plastic Leaded Chip Carrier (PLCC) Package
•
10.24-MHz On-Chip Crystal Oscillator
•
2.048-MHz Internal CPU Speed
•
5136 Bytes of User ROM
•
240 Bytes of Self-Check ROM
•
256 Bytes of On-Chip RAM
•
16-Bit Timer
•
31 Bidirectional I/O Lines
•
Power-Saving Stop and Wait Modes
•
Core Timer
•
Dual 60-MHz PLL
•
Simple Serial with Bidirectional Data (SSI)
•
Keyscan Interrupt with Pullups on Port C
•
Mask Selectable Options:
–
COP Watchdog Timer
–
Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger
–
Port C Pullups for Keyscan
–
1-Channel, 6-Bit Pulse Width Modulator (PWM)
•
Three Comparators
•
ROM Security Feature
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com