công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05CT4 bảng dữ liệu(PDF) 15 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05CT4
Giải thích chi tiết về linh kiện  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 bảng dữ liệu(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 142 page
background image
MC68HC05CT4 — Rev. 2.0
General Release Specification
General Description
General Release Specification — MC68HC05CT4
Section 1. General Description
1.1 Contents
1.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
1.3
Mask Options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
1.4
Signal Description. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
1.4.1
VDD and VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
1.4.2
VDD2 and VSS2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
1.4.3
Maskable Interrupt Request (IRQ) . . . . . . . . . . . . . . . . . . .21
1.4.4
OSC1 and OSC2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.4.5
Reset (RESET) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.4.6
Port A (PA0–PA7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.4.7
Port B (PB0–PB7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.4.8
Port C (PC0–PC7/PWM) . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.4.9
Port D (PD0/CMP3+, PD1/CMP1–, PD2/CMP12+,
PD3/CMP2–, PD4/SDIO, PD5/SCK,
and PD6/TCMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.4.10
TCAP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.4.11
FinT and FinR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
1.4.12
PDoutT and PDoutR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
1.2 Introduction
The MC68HC05CT4 is a 44-pin member of the MC68HC05 Family of
microcontrollers (MCUs), which supports cordless telephone
applications. The memory map includes 5376 bytes of on-chip ROM and
256 bytes of RAM. The microcontroller unit has three 8-bit input/output
(I/O) ports: A, B, and C; and one 7-bit I/O port: D. Port C has pullup
options and keyscan capability. The MC68HC05CT4 includes a bird
core, a bird timer, a synchronous serial interface (SSI), 16-bit timer, a
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com