công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05CT4 bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05CT4
Giải thích chi tiết về linh kiện  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 142 page
background image
Core Timer
Core Timer Counter Register
MC68HC05CT4 — Rev. 2.0
General Release Specification
Core Timer
10.4 Core Timer Counter Register
The timer counter register is a read-only register that contains the
current value of the 8-bit ripple counter at the beginning of the timer
chain. This counter is clocked by the CPU clock (E/4) and can be used
for various functions including a software input capture. Extended time
periods can be attained using the TOF function to increment a temporary
RAM storage location, thereby simulating a 16-bit (or more) counter.
The power-on cycle clears the entire counter chain and begins clocking
the counter. After 4064 cycles, the power-on reset circuit is released,
which again clears the counter chain and allows the device to come out
of reset. At this point, if RESET is not asserted, the timer starts counting
up from zero and normal device operation begins. When RESET is
asserted any time during operation (other than POR), the counter chain
is cleared.
Address
$0009
Bit 7
654321
Bit 0
Read:
D7
D6
D5
D4
D3
D2
D1
D0
Write:
Reset:
00000011
= Unimplemented
Figure 10-3. Core Counter Register (CTCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com