công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05CT4 bảng dữ liệu(PDF) 70 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05CT4
Giải thích chi tiết về linh kiện  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 bảng dữ liệu(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 142 page
background image
Synchronous Serial Interface (SSI)
General Release Specification
MC68HC05CT4 — Rev. 2.0
Synchronous Serial Interface (SSI)
Transmission in master mode is initiated by a write to the SSI data
register (SDR). A transfer cannot be initiated in slave mode; the external
master initiates the transfer. The programmer must choose between
master or slave mode before the SSI is enabled. The programmer must
ensure that only one master exists in the system at any one time. All
devices in the system must operate with the same clock polarity and
data rates. Slaves should always be disabled before the master is
disabled.
Figure 9-1. SSI Block Diagram
INTERRUPT CIRCUIT
TO INTERRUPT LOGIC
SSI STATUS REG.
SSI CONTROL REG.
SSI DATA REG.
HFF
SDIO
SCK
CLOCK GENERATOR
SE
LSBF
CONTROL LOGIC
000000
DATA BUS
CONTROLS/ADDRESS BUS
MCU INTERNAL BUS
MSTR
&
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com