công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05CT4 bảng dữ liệu(PDF) 65 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05CT4
Giải thích chi tiết về linh kiện  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 bảng dữ liệu(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 142 page
background image
16-Bit Timer
Timer Status Register
MC68HC05CT4 — Rev. 2.0
General Release Specification
16-Bit Timer
OLVL — Output Level
Value of output level is clocked into the output level register by the
next successful output compare and will appear on the TCMP pin.
1 = High output
0 = Low output
8.7 Timer Status Register
The TSR is a read-only register containing three status flag bits.
ICF — Input Capture Flag
1 = Flag set when selected polarity edge is sensed by input capture
edge detector
0 = Flag cleared when TSR and input capture low register ($15) are
accessed
Reset clears this bit.
OCF — Output Compare Flag
1 = Flag set when output compare register contents match the free-
running counter contents
0 = Flag cleared when TSR and output compare low register ($17)
are accessed
Reset clears this bit.
Address:
$0013
Bit 7
654321
Bit 0
Read:
ICF
OCF
TOF
00000
Write:
Reset:
00000000
= Unimplemented
Figure 8-3. Timer Status Register (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com