| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC05CL48 bảng dữ liệu(PDF) 87 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL48 bảng dữ liệu(HTML) 87 Page - Motorola, Inc |
|
87 / 145 page ![]() June 11, 1997 GENERAL RELEASE SPECIFICATION MC68HC05CL48 CALLER-ID MOTOROLA REV 2.0 11-3 Figure 11-3. RT_L Interrupt 11.4 RING DETECTOR The ring detect circuit validates the input ring signal (RD2) and the ring detect output is available in a read-only register (RD) in Control/Status Register 2 (CLCSR2). It can also be overwritten by writing to RDO (Ring Detect Override) in the Control/Status Register 1(CLCSR1) when enabled by writing a ‘1’ to RDOE (Ring Detect Override Enable) in the CLCSR3 register. A valid ring signal can also produce an interrupt to the CPU when enabled by the RDIE bit in CLCSR1. See Section 11.7.1 and Section 11.7.2. Figure 11-4. Ring Detect Interface VDD External Pull-up RT_L Interrupt External Cap 0.02 µF typical 270k Ω typical RDI1 RT_L Ring Detect RDO RDOE RD DB RDIE RDIF Read Interrupt |