| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8014 bảng dữ liệu(PDF) 34 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 bảng dữ liệu(HTML) 34 Page - Freescale Semiconductor, Inc |
|
34 / 124 page ![]() 56F8014 Technical Data, Rev. 11 34 Freescale Semiconductor The following tables list all of the peripheral registers required to control or access the peripherals. Table 4-6 Data Memory Peripheral Base Address Map Summary Peripheral Prefix Base Address Table Number Timer TMRn X:$00 F000 4-7 PWM PWM X:$00 F040 4-8 ITCN ITCN X:$00 F060 4-9 ADC ADC X:$00 F080 4-10 SCI SCI X:$00 F0B0 4-11 SPI SPI X:$00 F0C0 4-12 I2C I2C X:$00 F0D0 4-13 COP COP X:$00 F0E0 4-14 CLK, PLL, OSC, TEST OCCS X:$00 F0F0 4-15 GPIO Port A GPIOA X:$00 F100 4-16 GPIO Port B GPIOB X:$00 F110 4-17 GPIO Port C GPIOC X:$00 F120 4-18 GPIO Port D GPIOD X:$00 F130 4-19 SIM SIM X:$00 F140 4-20 Power Supervisor PS X:$00 F160 4-21 FM FM X:$00 F400 4-22 Table 4-7 Quad Timer Registers Address Map (TMR_BASE = $00 F000) Register Acronym Address Offset Register Description TMR0_COMP1 $0 Compare Register 1 TMR0_COMP2 $1 Compare Register 2 TMR0_CAPT $2 Capture Register TMR0_LOAD $3 Load Register TMR0_HOLD $4 Hold Register TMR0_CNTR $5 Counter Register TMR0_CTRL $6 Control Register TMR0_SCTRL $7 Status and Control Register TMR0_CMPLD1 $8 Comparator Load Register 1 TMR0_CMPLD2 $9 Comparator Load Register 2 TMR0_CSCTRL $A Comparator Status and Control Register Reserved TMR1_COMP1 $10 Compare Register 1 TMR1_COMP2 $11 Compare Register 2 |