công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP4778CZ38/V bảng dữ liệu(PDF) 16 Page - NXP Semiconductors

tên linh kiện IP4778CZ38/V
Giải thích chi tiết về linh kiện  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V bảng dữ liệu(HTML) 16 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 12Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 13Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 14Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 15Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 16Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 17Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 18Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 19Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
16 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
The combination of a TMDS switch and the IP4778CZ38 is a cost-effective way to attain
various HDMI ports by using a single input HDMI receiver device. The ENABLE signal
activates the HDMI DDC and Hot Plug lines at the port that is selected by the system
controller.
10.6 Backdrive protection
The HDMI contains various signals which can partly supply current into an HDMI device
that is powered down.
Typically, the DDC lines and the CEC signals can force 5 V into the switched off device.
The IP4778CZ38 ensures that at power-down, the critical signals are blocked to prevent
any damage to the HDMI sink and HDMI source.
Fig 12. Example of multiplexing both DDC and Hot Plug
001aag046
ENABLE
DDC_CLK_IN
DDC_DAT_IN
HOT_PLUG_DET_IN
ENABLE
DDC_CLK_IN
DDC_DAT_IN
HOT_PLUG_DET_IN
ENABLE
DDC_CLK_IN
DDC_DAT_IN
HOT_PLUG_DET_IN
DDC_CLK_IN
DDC_DAT_IN
HOT_PLUG_DET_IN
input 1
input 2
input 3
Fig 13. Backdrive protection
001aag047
HDMI ASIC
HDMI source
supply off
5 V
backdrive current
I2C-bus ASIC
HDMI sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26