công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS842S104 bảng dữ liệu(PDF) 8 Page - Integrated Device Technology

tên linh kiện ICS842S104
Giải thích chi tiết về linh kiện  Crystal-to-HSTL 100MHz / 200MHz PCI Express??Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS842S104 bảng dữ liệu(HTML) 8 Page - Integrated Device Technology

Back Button ICS842S104 Datasheet HTML 4Page - Integrated Device Technology ICS842S104 Datasheet HTML 5Page - Integrated Device Technology ICS842S104 Datasheet HTML 6Page - Integrated Device Technology ICS842S104 Datasheet HTML 7Page - Integrated Device Technology ICS842S104 Datasheet HTML 8Page - Integrated Device Technology ICS842S104 Datasheet HTML 9Page - Integrated Device Technology ICS842S104 Datasheet HTML 10Page - Integrated Device Technology ICS842S104 Datasheet HTML 11Page - Integrated Device Technology ICS842S104 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ICS842S104CG REVISION A MARCH 17, 2010
8
©2010 Integrated Device Technology, Inc.
ICS842S104 Data Sheet
CRYSTAL-TO- HSTL 100MHZ / 200MHZ PCI EXPRESS™ CLOCK SYNTHESIZER
Table 5. Crystal Characteristics
NOTE: Characterized using an 18pF parallel resonant crystal.
AC Electrical Characteristics
Table 6. AC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: RMS jitter after applying the two evaluation bands to the two transfer functions defined in the Common Clock Architecture and
reporting the worst case results for each evaluation band. Maximum limit for PCI Express Generation 2 is 3.1ps rms for tREFCLK_HF_RMS (High
Band) and 3.0 ps RMS for tREFCLK_LF_RMS (Low Band). See IDT Application Note PCI Express Reference Clock Requirements and also the
PCI Express Application section of this datasheet which show each individual transfer function and the overall composite transfer function.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
FOUTCTL = 0
100
MHz
FOUTCTL = 1
200
fref
Reference frequency
25
MHz
tREFCLK_HF_RMS Phase Jitter RMS; NOTE 1, 2
ƒ= 200MHz,
25MHz crystal input
High Band: 1.5MHz - Nyquist
(clock frequency/2)
0.95
ps
tREFCLK_LF_RMS Phase Jitter RMS; NOTE 1
ƒ= 200MHz,
25MHz crystal input
Low Band: 10kHz - 1.5MHz
0.31
ps
tsk(o)
Output Skew; NOTE 2, 3
50
ps
tjit(Ø)
Phase Jitter, RMS (Random)
200MHz, Integration Range:
12kHz – 20MHz
1.27
ps
tjit(cc)
Cycle-to-Cycle Jitter
PLL Mode
25
ps
tL
PLL Lock Time
60
ms
odc
Output Duty Cycle
48
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com