công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS842S104 bảng dữ liệu(PDF) 7 Page - Integrated Device Technology

tên linh kiện ICS842S104
Giải thích chi tiết về linh kiện  Crystal-to-HSTL 100MHz / 200MHz PCI Express??Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS842S104 bảng dữ liệu(HTML) 7 Page - Integrated Device Technology

Back Button ICS842S104 Datasheet HTML 3Page - Integrated Device Technology ICS842S104 Datasheet HTML 4Page - Integrated Device Technology ICS842S104 Datasheet HTML 5Page - Integrated Device Technology ICS842S104 Datasheet HTML 6Page - Integrated Device Technology ICS842S104 Datasheet HTML 7Page - Integrated Device Technology ICS842S104 Datasheet HTML 8Page - Integrated Device Technology ICS842S104 Datasheet HTML 9Page - Integrated Device Technology ICS842S104 Datasheet HTML 10Page - Integrated Device Technology ICS842S104 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ICS842S104CG REVISION A MARCH 17, 2010
7
©2010 Integrated Device Technology, Inc.
ICS842S104 Data Sheet
CRYSTAL-TO- HSTL 100MHZ / 200MHZ PCI EXPRESS™ CLOCK SYNTHESIZER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.5V to 2.0V, TA = 0°C to 70°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
Table 4C. HSTL DC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.5V to 2.0V, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
to GND.
NOTE 2: Defined with respect to output voltage swing at a given condition.
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
XTAL_IN
Other Inputs
0V to VDD
-0.5V to VDD + 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Package Thermal Impedance,
θ
JA
77.5
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.21
3.3
VDD
V
VDDO
Output Supply Voltage
1.5
2.0
V
IDD
Power Supply Current
106
mA
IDDA
Analog Supply Current
21
mA
IDDO
Output Supply Current
7mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
SDATA, SCLK
VDD = VIN = 3.465V
10
µA
IIL
Input Low Current
SDATA, SCLK
VDD = 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
0.9
1.2
V
VOL
Output Low Voltage; NOTE 1
0
0.4
V
VOX
Output Crossover Voltage;
NOTE 2
40% x (VOH - VOL) + VOL
65% x (VOH - VOL) + VOL
%
VSWING
Peak-to-Peak Output Voltage
Swing
0.6
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com