công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS842S104 bảng dữ liệu(PDF) 4 Page - Integrated Device Technology

tên linh kiện ICS842S104
Giải thích chi tiết về linh kiện  Crystal-to-HSTL 100MHz / 200MHz PCI Express??Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS842S104 bảng dữ liệu(HTML) 4 Page - Integrated Device Technology

  ICS842S104 Datasheet HTML 1Page - Integrated Device Technology ICS842S104 Datasheet HTML 2Page - Integrated Device Technology ICS842S104 Datasheet HTML 3Page - Integrated Device Technology ICS842S104 Datasheet HTML 4Page - Integrated Device Technology ICS842S104 Datasheet HTML 5Page - Integrated Device Technology ICS842S104 Datasheet HTML 6Page - Integrated Device Technology ICS842S104 Datasheet HTML 7Page - Integrated Device Technology ICS842S104 Datasheet HTML 8Page - Integrated Device Technology ICS842S104 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ICS842S104CG REVISION A MARCH 17, 2010
4
©2010 Integrated Device Technology, Inc.
ICS842S104 Data Sheet
CRYSTAL-TO- HSTL 100MHZ / 200MHZ PCI EXPRESS™ CLOCK SYNTHESIZER
Table 3B. Block Read and Block Write Protocol
Table 3C. Byte Read and Byte Write Protocol
Bit
Description = Block Write
Bit
Description = Block Read
1Start
1Start
2:8
Slave address - 7 bits
2:8
Slave address - 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code - 8 bits
11:18
Command Code - 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count - 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address - 7 bits
29:36
Data byte 1 - 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 2 - 8 bits
30:37
Byte Count from slave - 8 bits
46
Acknowledge from slave
38
Acknowledge
Data Byte/Slave Acknowledges
39:46
Data Byte 1 from slave - 8 bits
Data Byte N - 8 bits
47
Acknowledge
Acknowledge from slave
48:55
Data Byte 2 from slave - 8 bits
Stop
56
Acknowledge
Data Bytes from Slave/Acknowledge
Data Byte N from slave - 8 bits
Not Acknowledge
Bit
Description = Byte Write
Bit
Description = Byte Read
1
Start
1
Start
2:8
Slave address - 7 bits
2:8
Slave address - 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code - 8 bits
11:18
Command Code - 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data Byte - 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address - 7 bits
29
Stop
28
Read
29
Acknowledge from slave
30:37
Data from slave - 8 bits
38
Not Acknowledge
39
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com