công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS842S104 bảng dữ liệu(PDF) 6 Page - Integrated Device Technology

tên linh kiện ICS842S104
Giải thích chi tiết về linh kiện  Crystal-to-HSTL 100MHz / 200MHz PCI Express??Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS842S104 bảng dữ liệu(HTML) 6 Page - Integrated Device Technology

Back Button ICS842S104 Datasheet HTML 2Page - Integrated Device Technology ICS842S104 Datasheet HTML 3Page - Integrated Device Technology ICS842S104 Datasheet HTML 4Page - Integrated Device Technology ICS842S104 Datasheet HTML 5Page - Integrated Device Technology ICS842S104 Datasheet HTML 6Page - Integrated Device Technology ICS842S104 Datasheet HTML 7Page - Integrated Device Technology ICS842S104 Datasheet HTML 8Page - Integrated Device Technology ICS842S104 Datasheet HTML 9Page - Integrated Device Technology ICS842S104 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ICS842S104CG REVISION A MARCH 17, 2010
6
©2010 Integrated Device Technology, Inc.
ICS842S104 Data Sheet
CRYSTAL-TO- HSTL 100MHZ / 200MHZ PCI EXPRESS™ CLOCK SYNTHESIZER
Table 3J. Byte 6: Control Register 6
Table 3K. Byte 7: Control Register 7
Bit
@Pup
Name
Description
7
0
TEST_SEL
REF/N or Hi-Z Select
0 = Hi-Z, 1 = REF/N
6
0
TEST_MODE
TEST Clock
Mode Entry Control
0 = Normal Operation,
1 = REF/N or Hi-Z Mode
5
0
Reserved
Reserved
4
1
Reserved
Reserved
3
0
Reserved
Reserved
2
0
Reserved
Reserved
1
1
Reserved
Reserved
0
1
Reserved
Reserved
Bit
@Pup
Name
Description
7
0
Revision Code Bit 3
6
0
Revision Code Bit 2
5
0
Revision Code Bit 1
4
0
Revision Code Bit 0
3
0
Vendor ID Bit 3
2
0
Vendor ID Bit 2
1
0
Vendor ID Bit 1
0
1
Vendor ID Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com