công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS842S104 bảng dữ liệu(PDF) 3 Page - Integrated Device Technology

tên linh kiện ICS842S104
Giải thích chi tiết về linh kiện  Crystal-to-HSTL 100MHz / 200MHz PCI Express??Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS842S104 bảng dữ liệu(HTML) 3 Page - Integrated Device Technology

  ICS842S104 Datasheet HTML 1Page - Integrated Device Technology ICS842S104 Datasheet HTML 2Page - Integrated Device Technology ICS842S104 Datasheet HTML 3Page - Integrated Device Technology ICS842S104 Datasheet HTML 4Page - Integrated Device Technology ICS842S104 Datasheet HTML 5Page - Integrated Device Technology ICS842S104 Datasheet HTML 6Page - Integrated Device Technology ICS842S104 Datasheet HTML 7Page - Integrated Device Technology ICS842S104 Datasheet HTML 8Page - Integrated Device Technology ICS842S104 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ICS842S104CG REVISION A MARCH 17, 2010
3
©2010 Integrated Device Technology, Inc.
ICS842S104 Data Sheet
CRYSTAL-TO- HSTL 100MHZ / 200MHZ PCI EXPRESS™ CLOCK SYNTHESIZER
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer, a
two-signal I2C serial interface is provided. Through the Serial Data
Interface, various device functions, such as individual clock output
buffers, can be individually enabled or disabled. The registers
associated with the serial interface initialize to their default setting
upon power-up, and therefore, use of this interface is optional. Clock
device register changes are normally made upon system
initialization, if any are required.
Data Protocol
The clock driver serial protocol accepts byte write, byte read, block
write and block read operations from the controller. For block
write/read operation, the bytes must be accessed in sequential order
from lowest to highest byte (most significant bit first) with the ability to
stop after any complete byte has been transferred. For byte write and
byte read operations, the system controller can access individually
indexed bytes. The offset of the indexed byte is encoded in the
command code, as described in Table 3A.
The block write and block read protocol is outlined in Table 3B, while
Table 3C outlines the corresponding byte write and byte read
protocol. The slave receiver address is 11010010 (D2h).
Table 3A.Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation.
6:5
Chip select address, set to “00” to access device.
4:0
Byte offset for byte read or byte write operation. For block read or block write operations, these bits must be “00000”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com