| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3525 bảng dữ liệu(PDF) 50 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 bảng dữ liệu(HTML) 50 Page - ams AG |
|
50 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 50 - 194 7.3.4.1 GPIO register descriptions Table 28: GPIO Registers Register Name Base Address Offset Note GPIO1_DATA AS3525_GPIO1_BASE 0x000 GPIO data register GPIO1_DIR AS3525_GPIO1_BASE 0x400 GPIO data direction register GPIO1_IS AS3525_GPIO1_BASE 0x404 GPIO interrupt sense register GPIO1_IBE AS3525_GPIO1_BASE 0x408 GPIO interrupt both edges register GPIO1_IEV AS3525_GPIO1_BASE 0x40C GPIO interrupt event register GPIO1_IE AS3525_GPIO1_BASE 0x410 GPIO interrupt mask register GPIO1_RIS AS3525_GPIO1_BASE 0x414 GPIO raw interrupt status GPIO1_MIS AS3525_GPIO1_BASE 0x418 GPIO masked interrupt status GPIO1_IC AS3525_GPIO1_BASE 0x41C GPIO interrupt clear GPIO1_AFSEL AS3525_GPIO1_BASE 0x420 GPIO mode control select GPIO2_DATA AS3525_GPIO2_BASE 0x000 GPIO data register GPIO2_DIR AS3525_GPIO2_BASE 0x400 GPIO data direction register GPIO2_IS AS3525_GPIO2_BASE 0x404 GPIO interrupt sense register GPIO2_IBE AS3525_GPIO2_BASE 0x408 GPIO interrupt both edges register GPIO2_IEV AS3525_GPIO2_BASE 0x40C GPIO interrupt event register GPIO2_IE AS3525_GPIO2_BASE 0x410 GPIO interrupt mask register GPIO2_RIS AS3525_GPIO2_BASE 0x414 GPIO raw interrupt status GPIO2_MIS AS3525_GPIO2_BASE 0x418 GPIO masked interrupt status GPIO2_IC AS3525_GPIO2_BASE 0x41C GPIO interrupt clear GPIO2_AFSEL AS3525_GPIO2_BASE 0x420 GPIO mode control select GPIO3_DATA AS3525_GPIO3_BASE 0x000 GPIO data register GPIO3_DIR AS3525_GPIO3_BASE 0x400 GPIO data direction register GPIO3_IS AS3525_GPIO3_BASE 0x404 GPIO interrupt sense register GPIO3_IBE AS3525_GPIO3_BASE 0x408 GPIO interrupt both edges register GPIO3_IEV AS3525_GPIO3_BASE 0x40C GPIO interrupt event register GPIO3_IE AS3525_GPIO3_BASE 0x410 GPIO interrupt mask register GPIO3_RIS AS3525_GPIO3_BASE 0x414 GPIO raw interrupt status GPIO3_MIS AS3525_GPIO3_BASE 0x418 GPIO masked interrupt status GPIO3_IC AS3525_GPIO3_BASE 0x41C GPIO interrupt clear GPIO3_AFSEL AS3525_GPIO3_BASE 0x420 GPIO mode control select GPIO4_DATA AS3525_GPIO4_BASE 0x000 GPIO data register GPIO4_DIR AS3525_GPIO4_BASE 0x400 GPIO data direction register GPIO4_IS AS3525_GPIO4_BASE 0x404 GPIO interrupt sense register GPIO4_IBE AS3525_GPIO4_BASE 0x408 GPIO interrupt both edges register GPIO4_IEV AS3525_GPIO4_BASE 0x40C GPIO interrupt event register GPIO4_IE AS3525_GPIO4_BASE 0x410 GPIO interrupt mask register GPIO4_RIS AS3525_GPIO4_BASE 0x414 GPIO raw interrupt status GPIO4_MIS AS3525_GPIO4_BASE 0x418 GPIO masked interrupt status GPIO4_IC AS3525_GPIO4_BASE 0x41C GPIO interrupt clear GPIO4_AFSEL AS3525_GPIO4_BASE 0x420 GPIO mode control select |